PART |
Description |
Maker |
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
BLM18SG331TN1D BLM18SG700TN1B |
Chip EMIFILr Inductor Type Chip Ferrite Beads BLM18S Series (0603 Size) 1 FUNCTIONS, 1.5 A, FERRITE CHIP 1 FUNCTIONS, 4 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
SLE4466 SPI_SLE4466_0799 |
Security and Chip Card ICs Intelligent 512Bit Memory Chip From old datasheet system Securiy & Chip Card ICs
|
INFINEON[Infineon Technologies AG]
|
CHF5KP30A CHF5KP50A CHF5KP110CA MSC0997 CHF5KP65A |
Patented Flip Chip Series FLIP CHIP TVS DIODES From old datasheet system Transient Voltage Suppressor 瞬态电压抑制器 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE FLIP CHIP-2
|
MICROSEMI[Microsemi Corporation] Atmel, Corp. Microsemi, Corp. Vishay Intertechnology, Inc.
|
LC86104C LC86108C |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM or 8K Bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104C/LC86108C
|
SANYO
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
CRCC1206100F100KEA CRCC1206100F100KTF CRCC1206100F |
RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 110000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 22ohm, 50V, 0.000022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.0001uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.000015uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00027uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 68000ohm, 50V, 0.00022uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 510000ohm, 50V, 0.000068uF, SURFACE MOUNT, CHIP-2 RC NETWORK, ISOLATED, 0.125W, 910000ohm, 50V, 0.00068uF, SURFACE MOUNT, CHIP-2 Thick Film, Rectangular, Resistor/Capacitor Chip
|
Vishay Siliconix VISHAY DALE
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
|